Part Number Hot Search : 
SI4778DY XP514618 STUS053 CDRH104 RA45H CAPA110 1N522 PIC16C65
Product Description
Full Text Search
 

To Download LC898111AXA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  529hk 20121127-s00003,20130219-s00001 no.a2189-1/7 semiconductor components industries, llc, 2013 may, 2013 ver.3.5b http://onsemi.com LC898111AXA lc898111axb overview the LC898111AXA and the lc898111axb are image stabilization system control lsis for smartphone camera modules. the lsis have built-in digital signal processing circuits, such as a 2ch saturation h-bridge driver and a flexible filter circuit, and control vcm type actuators. the LC898111AXA and the lc898111axb are identical lsis except for the dimensions, i.e. xa has wlp thickness, max. 0.33 mm without back coat (b/c) and xb has wlp thickness, max. 0.69 mm with b/c. function ? digital signal processing lsi (logic lsi) ? ? built-in digital servo circuit ? built-in gyro filter ? ad converter ? 12-bit ? input 5ch ? equipped with a sample-hold circuit ? da converter ? 8-bit ? output 2ch (constant current bias : max 7ma) ? built-in serial i/f circuit (2-wire i 2 c-bus or 4-wire spi bus interface) ? built-in hall bias circuit ? built-in hall amp (gain of opamp : x 25, x 50, x 75, x 100, x 150, x 200) ? built-in osc (oscillator) 48mhz ? 5% (frequency adjustment function) ? external clock input is possible from tstclk (48mhz ? 5%) ? built-in ldo (low drop-out regulator) ? digital gyro i/f for the companies (spi bus) (please refer for the details) ? support hall sensor and photo re flector as means to detect a position ? motor driver ? saturation-drive h bridge x 2ch ? i o max : 220ma ? package ? LC898111AXA : wlp48j (2.57mm x 3.22mm, thickness max 0.33mm, without b/c) ? lc898111axb : wlp48 (2.57mm x 3.22mm, thickness max 0.69mm, with b/c) ? pb-free ? halogen free ? power supply voltage ? logic : dvdd30 = 2.6 to 3.6 v ? driver : vm = 2.6 to 3.6 v ordering number : ena2189 cmos lsi ois controller & driver ordering information see detailed ordering and shipping information on page 7 of this data sheet. * i 2 c bus is a trademark of philips corporation. wlp48j wlp48
LC898111AXA, lc898111axb no.a2189-2/7 block diagram figure 3.1 example of wiring di agram (hall) in LC898111AXA/xb
LC898111AXA, lc898111axb no.a2189-3/7 LC898111AXA wlp48j(3.22x2.57) package dimensions
LC898111AXA, lc898111axb no.a2189-4/7 lc898111axb wlp48(3.22x2.57) package dimensions
LC898111AXA, lc898111axb no.a2189-5/7 pin assign (wlp48j/wlp48) top view 1 optesto opinpy advdd advss gyyi hxi 2 hlxbo opinmy advrh gyxi dvss i2cdt 3 epsoif daopvdd advrl hyi epcsbif2 i2cck 4 dvdd30 daopvss opinpx sad4 ssb miso 5 busy2 hlybo opinmx zreset ldopo dvdd30 6 busy1 test dvss tstclk ldstbb dgsclk 7 vm mon clksel dgmosi dgmiso dgint 8 out4 out3 out2 out1 pgnd dgssb f e d c b a driver eeprom i/f dac logic gnd opamp io vdd (2.6v to 3.6v) adc logic core vdd (1.14 to 1.26v)
LC898111AXA, lc898111axb no.a2189-6/7 ? typ ? i : input, o : output, b : bidirection, p : power, gnd ball no pin name type description f8 out4 o driver output f7 vm p driver vdd (2.6v to 3.6v) f6 busy1 b eeprom i/f (at i 2 c type eeprom ) / busy1(o) / general-purpose ioport(b) / inner signal monitor(o) f5 busy2 b busy2(o) / general-purpose ioport(b) / inner signal monitor(o) f4 dvdd30 p logic io vdd (2.6v to 3.6v) f3 epsoif i eeprom i/f f2 hlxbo o hall-x bias (current drive) f1 optesto o opamp test out e8 out3 o driver output e7 mon b inner signal monito r / general-purpose ioport e6 test i spi & external clock case sets ?1? other cases set ?0? e5 hlybo o hall-y bias (current drive) e4 daopvss p da&opamp vss e3 daopvdd p da&opamp vdd (2.6v to 3.6v) e2 opinmy i hall-y opamp input ? e1 opinpy i hall-y opamp input+ d8 out2 o driver output d7 clksel i change pin of osc(0) and external clock(1) d6 dvss p logic gnd d5 opinmx i hall-x opamp input ? d4 opinpx i hall-x opamp input+ d3 advrl i adc reference voltage low input d2 advrh i adc reference voltage high input d1 advdd p ad vdd (2.6v to 3.6v) c8 out1 o driver output c7 dgmosi b digital gyro (4-wire)if data(o) / hps control(o) / general-purpose ioport(b) c6 tstclk i clksel=1 : external clock, clksel=0 : change pin of i 2 c(0) and spi(1) c5 zreset i hard wafer reset c4 sad4 i general-purpose ad input c3 hyi i hall-y ad input c2 gyxi i gyro-x ad input c1 advss p ad gnd b8 pgnd p driver gnd b7 dgmiso b digital gyro spi if data( i ) / digital gyro i 2 c if data(b) b6 ldstbb i ldo standby (0 : standby on, 1 : standby off) b5 ldopo p ldo power supply out (logic core vdd (1.14v to 1.26v)) b4 ssb i spi i/f chip select / vdd fix at i 2 c i/f b3 epcsbif2 b eeprom i/f b2 dvss p logic gnd b1 gyyi i gyro-y ad input a8 dgssb b digital gyro spi if chip select(o) / inner signal monitor(o ) / general-purpose ioport(b) a7 dgint b digital gyro spi if data busy( i ) / inner signal monitor(o ) / general-purpose ioport(b) a6 dgsclk b digital gyro spi if clock (o) / digital gyro i 2 c if clock(o) / hps control 1(o) / general-purpose ioport (b) a5 dvdd30 p logic io vdd (2.6v to 3.6v) and power supply to ldo a4 miso o spi i/f data / general-pur pose ioport / inner signal monitor a3 i2cck i i 2 c_if clock / spi if clock a2 i2cdt b i 2 c_if data(b) / spi if data a1 hxi i hall-x ad input
LC898111AXA, lc898111axb ps no.a2189-7/7 ordering information device package shipping (qty / packing) LC898111AXA-mh wlp48j(3.22x2.57) (pb-free / halogen free) 5000 / tape & reel lc898111axb-mh wlp48(3.22x2.57) (pb-free / halogen free) 5000 / tape & reel on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc mak es no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability ar ising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequentia l or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s techn ical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorize d for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other appli cation in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of persona l injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture o fthe part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of LC898111AXA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X